PART |
Description |
Maker |
MAX3450E08 MAX3450EEUD MAX3451EEUD MAX3452EEUD MAX |
隆戮15kV ESD-Protected USB Transceivers 卤15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MAX3040 MAX3040CSE MAX3040CUE MAX3040CWE MAX3040ES |
±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters QUAD LINE DRIVER, PDSO16 10kV ESD-Protected / Quad 5V RS-485/RS-422 Transmitters 【10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters "?0kV ESD-Protected, 2.5Mbps, 5V Quad RS- 485/422 Transmitter" "?0kV ESD Protected, 250kbps, 5V Quad RS- 485/422 Transmitter" "?0kV ESD-Protected, 20Mbps, 5V Quad RS-485/422 Transmitter" " ?à10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters" ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3440EESA MAX3440EASA MAX3440EEPA MAX3440E10 MAX |
±15kV ESD-Protected, ±60V Fault-Protected, 15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX6817 MAX6816 MAX6818 MAX6818EAP MAX6816EUS-T MA |
±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers 8-Bit Binary Counters With Input Registers 20-LCCC -55 to 125 15kV ESD-Protected / Single/Dual/Octal / CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,
CMOS Switch Debouncers 15kV ESD-Protected Single/Dual/Octal CMOS Switch Debouncers 【15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
MAX3238E MAX3238ECAI MAX3238EEAI MAX3248ECAI MAX32 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 卤15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(卤15kV ESD淇??锛?.0V??.5V,浣????250kbps, RS-232?跺????5???讹?) 3.0V to 5.5V / 10nA / 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceivers(±15kV ESD保护.0V.5V,低功250kbps, RS-232收发器(5收)) 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 【15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
ADM483EAR-REEL ADM483EARZ ADM483EARZ-REEL ADM483EA |
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver 15,-15 kV ESD Protected, Slew Rate
|
Analog Devices
|
ST3222E ST3222EBD ST3222EBDR ST3222EBPR ST3222EBTR |
15 KV ESD PROTECTED 3 TO 5.5V, LOW POWER, UP TO 250KBPS RS-232 DRIVERS AND RECEIVERS 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
ISL4221E ISL4221EIR ISL4221EIRZ ISL4223E ISL4223EI |
QFN Packaged, 卤15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232 QFN Packaged, 5kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers LINE TRANSCEIVER, PQCC16
|
Intersil Corporation Intersil, Corp.
|
|